| Electronic Components Datasheet Search |
|
SX8663 Datasheet(PDF) 16 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8663 Datasheet(HTML) 16 Page - Semtech Corporation |
|
16 / 64 page ![]() ADVANCED COMMUNICATIONS & SENSING Rev5 4 th August 2011 © 2011 Semtech Corp. www.semtech.com 16 SX8663 Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output To get the ticks representing the charge on a specific sensor the ASI will execute several steps. The charge on a sensor cap (e.g CAP0) will be accumulated multiple times on the external integration capacitor, Cint. This results in an increasing voltage on Cint proportional to the capacitance on CAP0. At this stage the offset compensation DAC is enabled. The compensation DAC generates a voltage proportional to an estimation of the external capacitance. The estimation is obtained by the offset compensation procedure executed e.g. at power-up. The difference between the DAC output and the charge on Cint is the desired signal. In the ideal case the difference of charge will be converted to zero ticks if no finger is present and the number of ticks becomes high in case a finger is present. The difference of charge on Cint and the DAC output will be transferred to the ADC (Sigma Delta Integrator). After the charge transfer to the ADC the steps above will be repeated. The larger the number the cycles are repeated the larger the signal out of the ADC with improved SNR. The sensitivity is therefore directly related to the number of cycles. The SX8663 allows setting the sensitivity for each sensor individually in applications which have a variety of sensors sizes or different overlays or for fine-tuning performances. The optimal sensitivity is depending heavily on the final application. If the sensitivity is too low the ticks will not pass the thresholds and user detection will not be possible. In case the sensitivity is set too large, some power will be wasted and false touch information may be output (i.e. for touch buttons => finger not touching yet). Once the ASI has finished the first sensor, the ticks are stored and the ASI will start measuring the next sensor until all (enabled) sensors pins have been treated. In case some sensors are disabled then these result in lower power consumption simply because the ASI is active for a shorter period and the following processing period will be shorter. The ticks from the ASI will then be handled by the digital processing. The ASI will shut down and wait until new sensing period will start. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |