Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F016 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
70
May 14, 2012
· 16-bit STM, PWM Mode, Edge-aligned Mode, TnDPX=0
CCRP
1~255
0
Period
CCRP
´ 256
65536
Duty
CCRA
If fSYS = 16MHz, TM clock source is fSYS/4, CCRP = 2 and CCRA =128
The STM PWM output frequency = (fSYS/4)/(2
´256) = fSYS/2048 = 7.8125kHz, duty = 128 / (2´256) = 25%.
If the Duty value defined by the CCRA register is equal to or greater than the Period value, then the PWM output duty
is 100%.
· 16-bit STM, PWM Mode, Edge-aligned Mode, TnDPX=1
CCRP
1~255
0
Period
CCRA
Duty
CCRP
´ 256
65536
The PWM output period is determined by the CCRA register value together with the TM clock while the PWM duty cy-
cle is defined by the (CCRP
´256) except when the CCRP value is equal to 0.
Counter Value
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM O/P Pin
(TnOC=1)
Time
Counter cleared
by CCRA
Pause Resume
Counter Stop if
TnON bit low
Counter Reset when
TnON returns high
TnDPX = 1; TnM [1:0] = 10
PWM Duty Cycle
set by CCRP
PWM resumes
operation
Output controlled by
other pin-shared function
Output Inverts
when TnPOL = 1
PWM Period
set by CCRA
TM O/P Pin
(TnOC=0)
PWM Mode -- TnDPX = 1
Note:
1. Here TnDPX=1 -- Counter cleared by CCRA
2. A counter clear sets the PWM Period
3. The internal PWM function continues running even when TnIO [1:0] = 00 or 01
4. The TnCCLR bit has no influence on PWM operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com