Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F016 Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 78Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
74
May 14, 2012
A / D C o n v e r t e r
P A 0 / A N 0
P A 1 / A N 1
P A 2 / A N 2
P A 3 / A N 3
A / D R e f e r e n c e V o l t a g e
A D R L
A D R H
A / D D a t a
R e g i s t e r s
V 1 2 5 E N
S T A R T
E O C B
A D O F F
V S S
P A 1 / V R E F
A D C K 2 ~ A D C K 0
f S Y S
A C E 3 ~ A C E 0
A C S 4 ,
A C S 1 ~ A C S 0
1 . 2 5 V
A / D C l o c k
V D D
A D O F F
B i t
V R E F S
B i t
A D R F S
b i t
¸ 2 N
( N = 0 ~ 6 )
A/D Converter Structure
A/D Converter Control Registers
-
ADCR0, ADCR1, ACERL
To control the function and operation of the A/D con-
verter, three control registers known as ADCR0, ADCR1
and ACERL are provided. These 8-bit registers define
functions such as the selection of which analog channel
is connected to the internal A/D converter, the digitised
data format, the A/D clock source as well as controlling
the start function and monitoring the A/D converter end
of conversion status. The ACS1~ACS0 bits in the
ADCR0 register and ACS4 bit is the ADCR1 register de-
fine the ADC input channel number. As the device con-
tains only one actual analog to digital converter
hardware circuit, each of the individual 4 analog inputs
must be routed to the converter. It is the function of the
ACS4 and ACS1~ACS0 bits to determine which analog
channel input pins or internal 1.25V is actually con-
nected to the internal A/D converter.
The
ACERL
control
register
contains
the
ACER3~ACER0 bits which determine which pins on
PA0~PA3 are used as analog inputs for the A/D con-
verter input and which pins are not to be used as the A/D
converter input. Setting the corresponding bit high will
select the A/D input function, clearing the bit to zero will
select either the I/O or other pin-shared function. When
the pin is selected to be an A/D input, its original function
whether it is an I/O or other pin-shared function will be
removed. In addition, any internal pull-high resistors
connected to these pins will be automatically removed if
the pin is selected to be an A/D input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com