Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F016 Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 86Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
89
May 14, 2012
INT0 Pin
INT1 Pin
INT0F
INT1F
INT0E
INT1E
EMI
04H
EMI
08H
M. Funct. 0
MF0F
MF0E
EMI
0CH
EMI
10H
EMI
14H
Time Base 0
TB0F
TB0E
EMI
18H
LVD
LVF
LVE
EMI
1CH
Interrupt
Name
Request
Flags
Enable
Bits
Master
Enable
Vector
EMI auto disabled
in ISR
Priority
High
Low
TM1 P
T1PF
T1PE
TM1 A
T1AF
T1AE
M. Funct. 1
MF1F
MF1E
TM0 P
T0PF
T0PE
TM0 A
T0AF
T0AE
Interrupts contained within
Multi-Function Interrupts
xxE
Enable Bits
xxF
Request Flag, auto reset in ISR
Legend
xxF
Request Flag, no auto reset in ISR
EMI
20H
A/D
ADF
ADE
EMI
24H
Comparator
CPF
CPE
M. Funct. 2
MF2F
MF2E
Time Base 1
TB1F
TB1E
EEPROM
DEF
DEE
Note: HT68F017 don
¢t have ADE, ADF
Interrupt Structure
- HT66F017/HT68F017
INT0 Pin
INT1 Pin
INT0F
INT1F
INT0E
INT1E
EMI
04H
EMI
08H
EMI
10H
EMI
14H
Time Base 0
TB0F
TB0E
LVD
LVF
LVE
EMI
1CH
Interrupt
Name
Request
Flags
Enable
Bits
Master
Enable
Vector
EMI auto disabled
in ISR
Priority
High
Low
TM1 P
T1PF
T1PE
TM1 A
T1AF
T1AE
M. Funct. 1
MF1F
MF1E
Interrupts contained within
Multi-Function Interrupts
xxE
Enable Bits
xxF
Request Flag, auto reset in ISR
Legend
xxF
Request Flag, no auto reset in ISR
EMI
20H
EMI
24H
Comparator
CPF
CPE
M. Funct. 2
MF2F
MF2E
Time Base 1
TB1F
TB1E
EEPROM
DEF
DEE
A/D
ADF
ADE
EMI
18H
Note: HT68F016 don
¢t have ADE, ADF
Interrupt Structure
- HT66F016/HT68F016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com