Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F016 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
44
May 14, 2012
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers. Note that where more than one package type exists the table will reflect the situation
for the larger package type.
Register
Reset
(Power-on)
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(IDLE)
MP0
llll
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
MP1
llll
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
BP
llll
- - - - - - - 0
- - - - - - - 0
- - - - - - - 0
- - - - - - - u
ACC
llll
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
llll 0000 0000
0000 0000
0000 0000
0000 0000
TBLP
llll
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
llll
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
ll
- - - - - xxx
- - - - - uuu
- - - - - uuu
- - - - - uuu
ll
- - - - - - xx
- - - - - - uu
- - - - - - uu
- - - - - - uu
STATUS
llll -- 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
SMOD
llll
0000 0011
0000 0011
0000 0011
uuuu uuuu
LVDC
llll
-- 00 - 000
-- 00 - 000
-- 00 - 000
-- uu - uuu
INTEG
llll
- - - - 0000
- - - - 0000
- - - - 0000
- - - - uuuu
INTC0
ll - 000 0000 - 000 0000
- 000 0000
- uuu uuuu
ll
-- 00 - 000
-- 00 - 000
-- 00 - 000
-- uu - uuu
INTC1
ll
0000 0000
0000 0000
0000 0000
uuuu uuuu
ll 0 - 00 0 - 00 0 - 00 0 - 00
0
- 00 0 - 00
u
- uu u - uu
INTC2
llll
-- 00 -- 00
-- 00 -- 00
-- 00 -- 00
-- uu -- uu
MFI0
ll
-- 00 -- 00
-- 00 -- 00
-- 00 -- 00
-- uu -- uu
MFI1
llll
-- 00 -- 00
-- 00 -- 00
-- 00 -- 00
-- uu -- uu
MFI2
llll
-- 00 -- 00
-- 00 -- 00
-- 00 -- 00
-- uu -- uu
PA
llll 1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
llll 1111 1111
1111 1111
1111 1111
uuuu uuuu
PAPU
llll 0000 0000
0000 0000
0000 0000
uuuu uuuu
PAWU
llll 0000 0000
0000 0000
0000 0000
uuuu uuuu
PB
llll -- 11 1111 -- 11 1111
-- 11 1111
-- uu uuuu
PBC
llll -- 11 1111 -- 11 1111
-- 11 1111
-- uu uuuu
PBPU
llll -- 00 0000 -- 00 0000
-- 00 0000
-- uu uuuu
PRM
llll 0101 0000
0101 0000
0101 0000
uuuu uuuu
TMPC
ll - - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
ll
- - - - - - 0 -
- - - - - - 0 -
- - - - - - 0 -
- - - - - - u -
WDTC
llll
0101 0011
0101 0011
0101 0011
uuuu uuuu
TBC
llll
0011
- 111
0011
- 111
0011
- 111
uuuu
- uuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com