Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F016 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
HT66F017, HT68F017
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
PB0~PB5
Port B
PBPU
ST
CMOS
¾
AN0~AN3
A/D converter input
ACERL
AN
¾
PA0~PA3
VREF
A/D converter reference input
ADCR1
AN
¾
PA1
C-
Comparator input
CPC
AN
¾
PA1
C+
Comparator input
AN
¾
PA0
CX
Comparator output
¾
CMOS
PA2
TCK0
TM0 input
PRM
ST
¾
PA4, PA6, PA7or PB1
TCK1
TM1 input
PRM
ST
¾
PA2 or PA3
TP0
TM0 I/O
PRM
TMPC
ST
CMOS
PA2, PA3, PA5 or PB0
TP1
TM1 I/O
PRM
TMPC
ST
CMOS
PA4, PA6, PA7 or PB1
INT0
External Interrupt
INTC0
INTEG
ST
¾
PA3 or PA2
INT1
External Interrupt
INTC2
INTEG
ST
¾
PA5 or PA4
OSC1
HXT pin
CO
HXT
¾
PA6
OSC2
HXT pin
CO
¾
HXT
PA5
VDD
Power supply *
¾
PWR
¾¾
AVDD
A/D converter power supply *
¾
PWR
¾¾
VSS
Ground **
¾
PWR
¾¾
AVSS
A/D converter ground **
¾
PWR
¾¾
Note:
I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output
HXT: High frequency crystal oscillator
*: VDD is the device power supply while AVDD is the ADC power supply. The AVDD pin is bonded together
internally with VDD.
**: VSS is the device ground pin while AVSS is the ADC ground pin. The AVSS pin is bonded together internally
with VSS.
HT68F017 doesn
¢t have AN0~AN3, VREF pin.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................100mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
11
May 14, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com