Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F016 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
72
May 14, 2012
However a compare match from Comparator A will also
automatically clear the TnON bit and thus generate the
Single Pulse output trailing edge. In this way the CCRA
value can be used to control the pulse width. A compare
match from Comparator A will also generate a TM inter-
rupt. The counter can only be reset back to zero when
the TnON bit changes from low to high when the counter
restarts. In the Single Pulse Mode CCRP is not used.
The TnCCLR and TnDPX bits are not used in this Mode.
Capture Input Mode
To select this mode bits TnM1 and TnM0 in the TMnC1
register should be set to 01 respectively. This mode en-
ables external signals to capture and store the present
value of the internal counter and can therefore be used
for applications such as pulse width measurements.
The external signal is supplied on the TPn pin, whose
active edge can be either a rising edge, a falling edge or
both rising and falling edges; the active edge transition
type is selected using the TnIO1 and TnIO0 bits in the
TMnC1 register. The counter is started when the TnON
bit changes from low to high which is initiated using the
application program.
When the required edge transition appears on the TPn
pin, the present value in the counter will be latched into
the CCRA registers and a TM interrupt generated. Irre-
spective of what events occur on the TPn pin the coun-
ter will continue to free run until the TnON bit changes
from high to low. When a CCRP compare match occurs,
the counter will reset back to zero; in this way the CCRP
value can be used to control the maximum counter
value. When a CCRP compare match occurs from Com-
parator P, a TM interrupt will also be generated.
Counting the number of overflow interrupt signals from
the CCRP can be a useful method in measuring long
pulse widths. The TnIO1 and TnIO0 bits can select the
active trigger edge on the TPn pin to be a rising edge,
falling edge or both edge types. If the TnIO1 and TnIO0
bits are both set high, then no capture operation will take
place irrespective of what happens on the TPn pin, how-
ever it must be noted that the counter will continue to
run.
As the TPn pin is pin shared with other functions, care
must be taken if the TM is in the Input Capture Mode.
This is because if the pin is setup as an output, then any
transitions on this pin may cause an input capture oper-
ation to be executed. The TnCCLR and TnDPX bits are
not used in this Mode.
Counter Value
YY
CCRP
TnON
TnPAU
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
CCRA
Value
Time
Counter cleared
by CCRP
Pause
Resume
Counter
Reset
TnM [1:0] = 01
TM capture
pin TPn_x
XX
Counter
Stop
TnIO [1:0]
Value
XX
YY
XX
YY
Active
edge
Active
edge
Active edge
00
Rising edge
01
Falling edge
10
Both edges
11
Disable Capture
Capture Input Mode
Note:
1. TnM [1:0] = 01 and active edge set by the TnIO [1:0] bits
2. A TM Capture input pin active edge transfers the counter value to CCRA
3. The TnCCLR bit is not used
4. No output function -- TnOC and TnPOL bits are not used
5. CCRP determines the counter value and the counter has a maximum count value when CCRP is equal
to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com