Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA685X Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Sensors
22
Freescale Semiconductor, Inc.
MMA685x
3.3.1
CREG Failure Detection
The digital supply voltage regulator is designed to be unstable with low capacitance. If the connection to the VREG capacitor
becomes open, the digital supply voltage will oscillate and cause either an undervoltage, or overvoltage failure within one internal
sample time. This failure will result in one of the following:
1. The DEVRES flag in the DEVSTAT register will be set. MMA685x will respond to SPI acceleration requests as
defined in Table 27.
2. MMA685x will be held in RESET and be non-responsive to SPI requests.
3.3.2
CREGA Failure Detection
The analog supply voltage regulator is designed to be unstable with low capacitance. If the connection to the VREGA capacitor
becomes open, the analog supply voltage will oscillate and cause either an undervoltage, or overvoltage failure within one internal
sample time. The DEVRES flag in the DEVSTAT register will be set. MMA685xMMA685x will respond to SPI acceleration re-
quests as defined in Table 27.
Note: This feature is only supported with a VCC supply voltage in the range of 4.75V to 5.25V.
3.3.3
VSS and VSSA Ground Loss Monitor
MMA685x detects the loss of ground connection to either VSS or VSSA. A loss of ground connection to VSS will result in a VREG
overvoltage failure. A loss of ground connection to VSSA will result in a VREG undervoltage failure. Both failures result in a device
reset.
3.3.4
SPI Initiated Reset
In addition to voltage monitoring, a device reset can be initiated by a specific series of three write operations involving the
RES_1 and RES_0 bits in the DEVCTL register. Reference Section 3.1.5.1. for details regarding the SPI initiated reset.
3.4
Internal Oscillator
MMA685x includes a factory trimmed oscillator as specified in Section 2.6.
3.4.1
Oscillator Monitor
The COUNT register in the customer accessible array is a read-only register which provides the current value of a free-running
8-bit counter derived from the primary oscillator. A 10-bit pre-scaler divides the primary oscillator by 1024. Thus, the value in the
COUNT register increases by one count every 128
μs, and the register rolls over every 32.768 ms. The SPI master can periodi-
cally read the COUNT register, and verify the difference between subsequent register reads against the system time base.
1. The SPI access rates and deviations must be taken into account for this oscillator verification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com