Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA685X Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
23
MMA685x
3.5
Transducer
The MMA685x transducer is an overdamped mass-spring-damper system described by the following transfer function:
where:
ζ = Damping Ratio
ω
n = Natural Frequency = 2∗Π∗fn
Reference Section 2.4 for transducer parameters.
3.6
Self-Test Interface
The self-test interface applies a voltage to the g-cell, causing deflection of the proof mass. The self-test interface is controlled
through SPI write operations to the DEVCFG_X register described in Section 3.1.7. The ENDINIT bit in the DEVCFG register
must also be low to enable self-test. A diagram of the self-test interface is shown in Figure 9.
Figure 9. Self-Test Interface
The raw self-test deflection can be verified against raw self-test limits using the following equations:
where:
ΔST
MIN
The minimum self-test deflection over temperature as specified in Section 2.4.
ΔST
MAX
The maximum self-test deflection over temperature as specified in Section 2.4.
SENS
The sensitivity of the device
ΔSENS
The sensitivity tolerance
Hs
()
ω
n
2
s
2
2
ξω
n
s
⋅⋅
⋅
ω
n
2
++
---------------------------------------------------------
=
SELF-TEST
VOLTAGE
GENERATOR
ENDINIT
ST
g-CELL
ENDINIT
ΔST
MINLIMIT
FLOOR
ΔST
MIN
() SENS 1 ΔSENS
–
()
⋅
[]
⋅
⋅
=
ΔST
MAXLIMIT
CEIL
ΔST
MAX
() SENS 1 ΔSENS
+
()
⋅
[]
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com