Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA685X Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Sensors
36
Freescale Semiconductor, Inc.
MMA685x
3.8.9
Arming Function
MMA685x provides the option for an arming function with 3 modes of operation. The operation of the arming function is se-
lected by the state of the A_CFG bits in the DEVCFG register.
Reference Section 4.5 for the operation of the Arming function with exception conditions. Error conditions do not impact prior
arming function responses. If an error occurs after an arming activation, the corresponding pulse stretch for the existing arming
condition will continue. However, new acceleration reads will not update the arming function regardless of the acceleration value.
3.8.9.1
Arming Function: Moving Average Mode
In moving average mode, the arming function runs a moving average on the offset cancelled output. The number of samples
used for the moving average (k) is programmable via the AWS_x[1:0] bits in the ARMCFGX register. Reference Section 3.1.8 for
register details.
ARM_MAn = (OCn + OCn-1 + ... + OCn+1-k)/k
Where n is the current sample.
The sample rate is determined by the SPI acceleration data sample rate. At the falling edge of CS for an acceleration data SPI
response, the moving average is updated with a new sample. Reference Figure 26. The SPI acceleration data sample rate must
meet the minimum time between requests (tACC_REQ_x) specified in Section 2.5.
The moving average output is compared against positive and negative 8-bit thresholds that are programmed via the ARMT_x
registers. Reference Section 3.1.9 for register details. If the moving average equals or exceeds either threshold, an arming con-
dition is indicated, the ARM output is asserted, and the pulse stretch counter is set as described in Section 3.8.9.4.
The ARM output is de-asserted only when the pulse stretch counter expires. Figure 26 shows the arming output operation for
different SPI conditions.
Figure 24. Arming Function Block Diagram - Moving Average Mode
Offset Cancellation
AWS_P[1:0]
APS[3:0]
Pulse Stretch
ARM
Gating
I/O
ARMT_N[7:0]
ARMT_P[7:0]
Moving Average
Positive
Moving Average
Negative
AWS_N[1:0]
OffCanc_ARM[10:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com