Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA685X Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
45
MMA685x
4.3
Acceleration Data Transfers
Acceleration data requests are initiated when the Acceleration bit of the SPI command message (A) is set to a logic ‘1’. The
Axis Selection bit (AX) and the Offset Cancellation Selection bit (OC) of the command message select the type of acceleration
data requested, as shown in Table 28
To verify that MMA685x is configured as expected, each acceleration data request includes the configuration information that
impacts the output data. The requested configuration is compared against the data programmed in the writable register array.
Details are shown in Table 29.
If the data listed in Table 29 does not does not match, an Acceleration Data Request Mismatch failure is detected and no ac-
celeration data is transmitted. Reference Section 4.5.3.1.
Acceleration data request commands include a parity bit (P). Odd parity is employed. The number of logic ‘1’ bits in the accel-
eration data request command must be an odd number.
Acceleration data is transmitted on the next SPI message if and only if all of the following conditions are met:
• The DEVINIT bit in the DEVSTAT register is not set
• The DEVRES bit in the DEVSTAT register is not set
• The IDE bit in the DEVSTAT register is not set (Reference Section 4.5.5)
• No SPI Error is detected (Reference Section 4.5.1)
• No MISO Error is detected (Reference Section 4.5.2)
• No Acceleration Data Request Mismatch failure is detected (Reference Section 4.5.3.1)
• No Self-Test Error is present (reference Section 4.5.5.2)
If the above conditions are met, MMA685x responds with a “valid acceleration data request” response as shown in Table 27.
Otherwise, MMA685x responds as specified in Section 4.5.
4.4
Register Access Operations
Two types of register access operations are supported; register write, and register read. Register access operations are initi-
ated when the acceleration bit (A) of the command message is set to a logic ‘0’. The operation to be performed is indicated by
the Access Selection bit (AX) of the command message.
Register Access operations include a parity bit (P). Odd parity is employed. The number of logic ‘1’ bits in the Register Access
operation must be an odd number.
Table 28. Acceleration Data Request
Acceleration Data Request Command Information
Data Type
Axis Selection Bit (AX)
Offset Cancellation Select (OC)
0
0
Offset Cancelled Data
0
1
Raw Data
1
0
Invalid Accel Request
1
1
Invalid Accel Request
Table 29. Acceleration Data Request Configuration Information
Programmable Option
Command Message Bit
Writable Register Information
Signed or Unsigned Data
SD
DEVCFG[4] (SD)
Arming Function or PCM Output
ARM
DEVCFG[2] || DEVCFG[1] (A_CFG[2] || A_CFG[1])
Access Selection Bit (AX)
Operation
0
Register Read
1
Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com