Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA685X Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
25
MMA685x
3.8.1
DSP Clock
The DSP is clocked at 8 MHz, with an effective 6MHz operating frequency. The clock to the DSP is disabled for 1 clock prior
to each edge of the
ΣΔ modulator clock to minimize noise during data conversion. The bit streams from the two ΣΔ converters
are processed through independent data paths within the DSP.
Figure 12. Clock Generation
3.8.2
Decimation Sinc Filter
The serial data stream produced by the
ΣΔ converter is decimated and converted to parallel values by a 3rd order 16:1 sinc
filter with a decimation factor of 8 or 16, depending on the Low Pass Filter selected.
Figure 13. Sinc Filter Response, tS = 8 μs
8 MHz OSC
6 MHz Digital
1MHz Modulator
Hz
()
1z 16
–
–
16
1
z 1
–
–
()
×
-------------------------------------
3
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com