Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
104
Freescale Semiconductor
4.18.2
Nexus Debug Interface
Figure 19. Nexus Output Timing
Table 54. Nexus Debug Port Timing1
1 JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is measured from
50% of MCKO and 50% of the respective signal. Nexus timing specified at VDD = 3.0 V to 3.6 V, TA = -40 to 105 °C, and CL =
50 pF (Cl=30 pF on MCKO), with SRC = 0b10 for MCKO and 0b11 for others.
Num
Symbol
C
Characteristic
Min
Max
Unit
SpecID
1tMCYC
CC2
2 Parameter values guaranteed by design.
D MCKO Cycle Time
15
—
ns
A2.1
2tMDC
CC2
D MCKO Duty Cycle
40
60
%
A2.2
3tMDOV
CC2
D MCKO Low to MDO Data Valid3
3 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
0.1
0.2
tMCYC
A2.3
4tMSEOV
CC2
D MCKO Low to MSEO Data Valid3
0.1
0.2
tMCYC
A2.4
5tEVTOV
CC2
D MCKO Low to EVTO Data Valid3
0.1
0.2
tMCYC
A2.5
6tEVTIPW
CC2
D EVTI Pulse Width
4
—
tTCYC
A2.6
7tEVTOPW
CC2
D EVTO Pulse Width
1
—
tMCYC
A2.7
8tTCYC
CC2
D TCK Cycle Time4
4 The system clock frequency needs to be three times faster that the TCK frequency.
NOTE
Nexus Dual Data Rate is not supported. The timings are mentioned for dedicated pins on
416BGA. The max value for #2, 3 and 4 above, are 0.3 of tMCYC for shared nexus ports.
100
—
ns
A2.8
9tTDC
CC2
D TCK Duty Cycle
40
60
%
A2.9
10
tNTDIS, tNTMSS CC
2
D TDI, TMS Data Setup Time
25
—
ns
A2.10
11
tNTDIH,
tNTMSH
CC2
D TDI, TMS Data Hold Time
5
—
ns
A2.11
12
tJOV
CC2
D TCK Low to TDO Data Valid
0
35
ns
A2.12
1
2
4
5
MCKO
MDO
MSEO
EVTO
Output Data Valid
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com