Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
108
Freescale Semiconductor
Figure 24. Vertical sync pulse
4.18.3.2
Interface to TFT LCD panels—access level
Table 56. LCD Interface Timing Parameters1,2,3,4—Access Level
1 The characteristics in this table are based on the assumption that data is output at +ve edge and displays latch data on -ve
edge.
2 Intra bit skew is less than 2 ns.
3 Load CL = 50 pf for frequency up to 20 MHz.
4 Load CL = 25 pf for display freq from 20 to 32 MHz.
Num
Symbol
C
Characteristic
Min.
Value
Typical
Value
Max.
Value
Unit
SpecID
1tCKP
CC5
5 Parameter values guaranteed by design.
D PDI Clock Period
31.25
—
—
ns
A3.12
2tCHD
CC5
D Duty cycle
40
—
60
%
A3.13
3tDSU
CC5
D interface data setup time
6
—
—
ns
A3.14
4tDHD
CC5
D PDI interface data access hold time
1
—
—
ns
A3.15
5tCSU
CC5
D PDI interface control signal setup time
3
—
—
ns
A3.16
6tCHD
CC5
D PDI interface control signal hold time
1
—
—
ns
A3.17
7CC5
D TFT interface data valid after pixel clock
—
—
6
ns
A3.18
8CC5
D TFT interface HSYNC valid after pixel clock
—
—
5
ns
A3.19
9CC5
D TFT interface VSYNC valid after pixel clock
—
—
5.5
ns
A3.20
10
CC5
D TFT interface DE valid after pixel clock
—
—
5.6
ns
A3.21
11
CC5
D TFT interface hold time for data and control
bits
2
—
—
ns
A3.22
12
CC5
D Relative skew between the data bits
—
—
3.7
ns
A3.23
Start of Frame
HSYNC
LD[23:0]
HSYNC
DE
tPWV
tBPV
tVSP
tHCP
tFPV
1
2
3
DELTA_Y
Invalid Data
Invalid Data
(Line Data)
tSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com