Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
110
Freescale Semiconductor
4.18.4
RSDS Interface to TFT LCD Panels
Table 57. RSDS Electrical Characteristics
Symbol
C
Parameter
Conditions1
1 V
DDA = 3.3 V ± 10% TA = -40 to +105 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
SpecID
Min
Typ
Max
AVDD
SR
D Voltage on VSSE_A pin
with respect to ground
(VSS)
—
3.0
3.3
3.6
V
A4.1
IDDTX
SR
D Current Consumption:
RSDS Transmitter - Single
Cell
——
2.7
—
mA
A4.2
IDDPD
SR
D Power Down Current
—
—
10
—
µA
A4.3
IDDBG
SR
D Current Consumption of
Bandgap and buffer
—
—
100
—
µA
A4.4
Fmax
SR
D Data Frequency
—
—
60
85
MHz
A4.5
VOD
SR
D Differential Output Voltage
RL = 100
200
400
mV
A4.6
VOFF
SR
D Offset Voltage
VCM +/-5%
0.5
1.2
1.5
V
A4.7
tR / tF
SR
D Output Rise / Fall times
20% to 80%,
VOD=200mV, CL = 5pF
—
500
—
ps
A4.8
tXdelay
SR
D Tx Delay
—
—
3
—
ns
A4.9
SR
D Termination Resistance
(external)
5% variation
—
100
—
A4.10
SR
D Transmitter Settling time
After power down, high
to low
—10—
µs
A4.11
SR
D Transmitter Delay
Data in to Tx out
—
8
—
ns
A4.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com