Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
114
Freescale Semiconductor
Figure 29. DDR read timing, DQSEN
Figure 30 provides the AC test load for the DDR bus.
Figure 30. DDR AC test load
4.18.5.1
2.5 V DDR1
Table 60. SSTL_2 Class II 2.5 V DDR DC Specifications
Symbol
C
Parameter
Condition
Min
Nom
Max
Units
Notes
SpecID
vddet
P I/O Supply Voltage
—
2.30
2.50
2.70
V
JESD8-9B
A5.1
vdd
P Core Supply Voltage
—
1.08
1.20
1.32
V
—
A5.2
Vref(dc)
P Input Reference Volt-
age
—
1.13
1.25
1.38
V
JESD8-9B
A5.3
Vtt
P Termination Voltage
—
Vref-0.04
vref
Vref+0.04
V
JESD8-9B
A5.4
Vih(dc)
C DC Input Logic High
—
Vref+0.15
—
vddet+0.3
V
JESD8-9B
A5.5
Vil(dc)
C DC Input Logic Low
—
-0.3
—
Vref-0.15
V
JESD8-9B
A5.6
Vih(ac)
C AC Input Logic High
—
Vref+0.31
—
—
V
JESD8-9B
A5.7
Vil(ac)
C AC Input Logic Low
—
—
—
Vref-0.31
V
JESD8-9B
A5.8
Iin
P Pad input Leakage
Current
—
—
—
+/-10
µA
—
A5.9
MCK
DQS (in)
tOS
tOH
Command
Address
Read
tDQSEN (min)
tDQSEN
Output
Z0 =50 
RL = 50 
VDD_MEM_IO/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com