Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
113
Figure 27 shows the DDR SDRAM write timing.
Figure 27. DDR write timing
Figure 28 and Figure 29 show the DDR SDRAM read timing.
Figure 28. DDR read timing, DQ vs. DQS
1 V
DDE_DR value is 1.8 V for DDR2 mode, 2.5 V for DDR1 mode, and 1.8 V for LPDDR mode.
2 C
Z at -40, 140, 25
oC.
3 Measured with clock pin loaded with differential 100 ohm termination resistor.
4 All transitions measured at mid-supply (V
DDE_DR/2).
5 Measured with all outputs except the clock loaded with 50 ohm termination resistor to V
DDE_DR/2.
6 In this window, the first rising edge of DQS should occur. From the start of the window to DQS rising edge, DQS should
be low.
7 Window position is given for t
DQSEN = 2.0 tCK. For other values of tDQSEN, window position is shifted accordingly.
MCK
tCH
tCL
DQS
tDQSS
DQ, DM (out)
tDS
tDH
tCK
DQS (in)
Any DQ (in)
tDQSQ
tDQSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com