Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
116
Freescale Semiconductor
4.18.5.2
1.8 V DDR2
The SSTL_18 differential input switch point is at vref = 0.50*vddet.
Note that the Jedec SSTL_18 specifications (JESD8-15a) for a SSTL interface for class II operation supersedes any
specification in this document.
The SSTL_18 Class II output with ipp_sre[2:0] set to enabling sstl_2 1.8V DDR2 mode, at the destination, have a rise/fall time
(10%-90%) between 0.4 ns and 1.0 ns over process, voltage, and temperature driving a 70 ohm transmission line with 0.167 ns
Table 61. SSTL_18 Class II 1.8 V DDR2 DC Specifications
Symbol C
Parameter
Condi-
tion
Min
Nom
Max
Units
Notes
SpecID
vddet
P
I/O Supply Voltage
—
1.7
1.8
1.9
V
JESD8-15A
A5.14
vdd
P
Core Supply Voltage
—
1.08
1.2
1.32
V
A5.15
Vref(dc)
P
Input Reference Volt-
age
—
0.833
0.9
1.0869
V
JESD8-15A
A5.16
Vtt
P
Termination Voltage
—
Vref-0.04
Vref
Vref+0.04
V
JESD8-15A
A5.17
Vih(dc)
C DC Input Logic High
—
Vref+0.125
—
vddet+0.3
V
JESD8-15A
A5.18
Vil(dc)
C DC Input Logic Low
—
-0.3
—
Vref-0.125
V
JESD8-15A
A5.19
Vih(ac)
C AC Input Logic High
—
Vref+0.25
—
—
V
JESD8-15A
A5.20
Vil(ac)
C AC Input Logic Low
—
—
—
Vref-0.25
V
JESD8-15A
A5.21
Iin
T
Pad input Leakage
Current
—
—
—
+/-10
µA
—
A5.22
Voh
C Output High Voltage
Level
—
vddet-0.28
—
—
V
—
A5.23
Vol
C Output Low Voltage
Level
—
—
—
0.28
V
—
A5.24
Ioh(dc)
C Output min source dc
current
Vout=Voh
-13.4
—
—
mA
JESD8-15A
vddet = 1.7V
Voh = 1.42V
A5.25
Iol(dc)
C Output min sink dc
current
Vout=Vol
13.4
—
—
mA
JESD8-15A
vddet = 1.7V
Vol = 0.28V
A5.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com