Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
120
Freescale Semiconductor
4.18.9
FlexCAN timing
The CAN functions are available as TX pins at normal IO pads and as RX pins at the always on domain.
There is no filter for the wakeup dominant pulse. Any high-to-low edge can cause wakeup if configured.
Table 66. FlexCAN timing1
1 FlexCAN timing specified at f
SYS = 64 MHz, VDD12 = 1.14 V to 1.32 V, VDDE_x = 3.0 V to 5.5 V, TA = -40 to 105 °C, and CL =
50 pF with SRC = 0b00.
Num
Symbol
C
Characteristic
Min. value
Max.
value
Unit
SpecID
1tCANOV
CC2
2 Parameter values guaranteed by design.
D CTNX Output Valid after CLKOUT Rising Edge (Output
Delay)
—
22.48
ns
A10.1
2tCANSU
CC2 D CNRX Input Valid to CLKOUT Rising Edge (Setup
Time)
—
12.46
ns
A10.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com