Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
117
td terminated at the destination with 70 ohms to Vtt (0.5*vddet) with 4.0 pf, representing the DDR2 input capacitance. See
(Figure 32. "SSTL_18 CLass II Test Load").
Figure 32. SSTL_18 CLass II Test Load
4.18.5.3
1.8V LPDDR
Table 62. 1.8V LPDDR DC Specifications
Note that the final JEDEC LPDDR SDRAM specifications (JESD79-4) for LPDDR operation supersedes any specification in
this document.
The SSTL_18 output with ipp_sre[2:0] set to enabling 1.8V LPDDR mode, at the destination, have a rise/fall time (10%-90%)
between 0.4 ns and 1.0 ns over process, voltage, and temperature driving a 70 ohm transmission line with 0.167 ns td terminated
at the destination with 70 ohms to Vtt (0.5*vddet) with 4.0 pf, representing the DDR input capacitance. See Figure 27.
Symbol C
Parameter
Condition
Min
Nom
Max
Unit
s
Notes
SpecID
vddet
P
I/O Supply Voltage
—
1.7
1.8
1.9
V
JESD79-4
A5.27
vdd
P
Core Supply Voltage
—
1.08
1.2
1.32
V
—
A5.28
Data Inputs (DQ, DM, DQS)
A5.29
Vih(dc)
C DC Input Logic High
—
vddet*0.7
—
vddet+0.3
V
JESD79-4
A5.30
Vil(dc)
C DC Input Logic Low
—
-0.3
—
vddet*0.3
V
JESD79-4
A5.31
Vih(ac)
C AC Input Logic High
—
vddet*0.8
—
vddet+0.3
V
JESD79-4
A5.32
Vil(ac)
C AC Input Logic low
—
-0.3
—
vddet*0.2
V
JESD79-4
A5.33
Data Outputs (DQ, DQS)
A5.34
Voh
C Output High Voltage
Level
Ioh=-0.1mA
vddet*0.9
—
—
V
JESD79-4
A5.35
Vol
C Output Low Voltage
Level
Iol=0.1mA
—
—
vddet*0.1
V
JESD79-4
A5.36
PAD
ipp_do
Z0=70 td= 0.167ns
4pF
Vtt
70
pad_st/pad_st_odt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com