Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
115
The SSTL_2 differential input switch point is at vref = 0.50*vddet.
NOTE
The JEDEC SSTL_2 specifications (JESD8-9B) for a SSTL interface for class II operation
supersedes any specification in this document.
The SSTL_2 Class II output with ipp_sre[2:0] set to enabling SSTL_2 2.5V DDR1 mode,
at the destination, have a rise/fall time (10%-90%) between 1 ns and 2 ns over process,
voltage, and temperature driving a 70 ohm transmission line with 0.167 ns td terminated at
the destination with 70 ohms to Vtt (0.5*vddet) with 4.0 pf, representing the DDR input
capacitance.
Figure 31. SSTL_2 CLass II Test Load
Voh
C Output High Voltage
Level
—
vddet-0.35
—
—
V
—
A5.10
Vol
C Output Low Voltage
Level
——
—
0.35
V
A5.11
Ioh(dc)
C Output min source dc
current
Vout=Voh
-16.2
—
—
mA
vddet = 2.3V
Voh = 1.95V
A5.12
Iol(dc)
C Output min sink dc
current
Vout=Vol
16.2
—
—
mA
vddet = 2.3V
Vol = 0.35V
A5.13
Table 60. SSTL_2 Class II 2.5 V DDR DC Specifications (continued)
Symbol
C
Parameter
Condition
Min
Nom
Max
Units
Notes
SpecID
PAD
ipp_do
Z0=70 td= 0.167ns
4pF
Vtt
70 ohms
pad_st/pad_st_odt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com