Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
119
4.18.7
External Interrupt (IRQ) and Non-Maskable Interrupt (NMI) Timing
Figure 34. IRQ and NMI Timing
4.18.8
eMIOS timing
Table 64. IRQ and NMI Timing
Num
Symbol
C
Characteristic
Min.
Value
Max.
Value
Unit
SpecID
1tIPWL
CC1
1 Parameter values guaranteed by design.
D IRQ/NMI Pulse Width Low
200
—
ns
A7.1
2tIPWH
CC1 D IRQ/NMI Pulse Width High
200
—
ns
A7.2
3tICYC
CC1 D IRQ/NMI Edge to Edge Time2
2 Applies when IRQ/NMI pins are configured for rising edge or falling edge events, but not both.
400
—
ns
A7.3
Table 65. eMIOS timing1
1 eMIOS timing specified at f
SYS = 64 MHz, VDD12 = 1.14 V to 1.32 V, VDDE_x = 3.0 V to 5.5 V, TA = -40 to 105 °C, and CL =
50 pF with SRC = 0b00.
Num
Symbol
C
Characteristic
Min.
value2
2 There is no limitation on the peripheral for setting the minimum pulse width, the actual width is restricted by the pad delays.
Refer to the pad specification section for the details.
Max.
value
Unit
SpecID
1tMIPW
CC3
3 Parameter values guaranteed by design.
D eMIOS Input Pulse Width
4
—
tCYC
A8.1
2tMOPW
CC3 D eMIOS Output Pulse Width
1
—
tCYC
A8.2
1,2
3
1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com