Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645S Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 146Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 145 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
145
7
(7 Feb 2012)
IDDRUN values updated in “DC electrical characteristics” table.
Min and max values of VDD12 in “Voltage regulator electrical characteristics” table changed to 1.26 V
and 1.29 V, respectively.
TB changed to TA for IDDHALT value in “DC electrical characteristics” table.
Removed
RCMTRIM values from “Fast internal RC oscillator (16 MHz) electrical characteristics”
table.
Removed
RCMTRIM values from “Slow internal RC oscillator (128 KHz) electrical characteristics”
table.
Changed max Tj to 140 C in “Recommended operating conditions (3.3V)” table.
Changed max Tj to 140 C in “Recommended operating conditions (3.3V)” table.
Changed max Tj to 140 C in “Voltage regulator electrical characteristics” table.
Changed spec limits on VDD12 Post-Trimming, from min=1.270, max = 1.28 to min = 1.145, max =
1.32, in “Voltage regulator electrical characteristics” table.
Added “Low-power voltage regulator electrical characteristics” table.
Added “Ultra low-power voltage regulator electrical characteristics” table.
Offset and gain error values changed to 0.5 and 0.6 Typ, respectively, in “ADC electrical
characteristics” table.
Added “Power-up sequencing” and “Power-down sequencing” diagrams in “Power-up Sequencing”
section.
Added “LPDDR, DDR and DDR2 (DDR2-250) SDRAM timing specifications” table in “DRAM Interface”
section and removed specifications’ tables for DDR1 mode, DDR2 mode and LPDDR mode.
Updated VLVDHV3H, VLVDHV3L, VLVDHV5H and VLVDHV5L values in “Low voltage monitor
electrical characteristics” table.
Updated IDDHALT Typ and Max values in “DC electrical characteristics” table.
Changed P25 pin to VSS pin in “416 TEPBGA pinout” figure
.
8
(08 Aug 2012)
In “Absolute maximum Ratings” table, changed max value of VDDPLL from 1.32 V to 1.4 V.
In “DC Electrical Characteristics” table, updated max values of IDDMAX, IDDHALT, IDDSTOP and
IDDSTDBY1.
Removed 1.32 V value for VDD, from “DC electrical specifications at 3.3 V VDDE”, “DC electrical
specifications at 2.5 V VDDE” and “DC electrical specifications at 1.8 V VDDE”.
Table 74. Revision history (continued)
Revision
(Date)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com