| Electronic Components Datasheet Search |
|
TNETX15VEPGE Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VEPGE Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 27 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 lookup-node address register, findnode at 0x0C–0x11 (DIO) BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS Findnode23–Findnode16 Findnode31–Findnode24 Findnode39–Findnode32 Findnode47–Findnode40 0x0C Findnode7–Findnode0 Findnode15–Findnode8 0x10 The findnode registers are used to exchange addresses between the TNETX15VE and the management CPU. The node address in findnode is kept in Ethernet native data format. The function of findnode depends on the bits set in findcontrol: • On FIRST operations, this register shows the first address in the lookup table. The data in findnode is valid only when the FOUND bit in findcontrol is a 1. • On NEXT operations, this register shows the next address in the lookup table. The data in findnode is valid only when the FOUND bit in findcontrol is a 1. • OnLKUPoperations,thelookuplogicoperationlooksuptheaddressstoredinthisregister.Iffound,the FOUND bit in findcontrol is set to a 1. • On NEW operations, this register shows the first address in the lookup table that has the NEW flag set. The data in findnode is valid only when the FOUND bit in findcontrol is a 1. • On NBFR operations, this register shows the first location of the NBLCK RX FIFO. This FIFO stores source address and port information on frames received where the destination address information in the table is tagged with the NBLCK (no block) bit. This FIFO is intended to allow the reception of, and response to, BPDUs during the early states of spanning tree when all other traffic is blocked, and can be used for other operations since any address can have its NBLCK bit set. The data in findnode is valid only when the FOUND bit in findcontrol is a 1. This register is read/writeable. When the FIND logic operation is operating, this register is locked and no writes can be performed to it. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |