| Electronic Components Datasheet Search |
|
TNETX15VEPGE Datasheet(PDF) 81 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VEPGE Datasheet(HTML) 81 Page - Texas Instruments |
|
81 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 81 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION FIND, FINDFIRST, FINDNEXT, and FINDNEW commands (continued) The NEW bit is asserted by the ADD logic operation. The FIND logic operation clears this bit after giving the address to management. The steps for scanning the whole table for all NEW addresses is as follows: • Perform a FINDNEW command by: • Setting the NEW bit in the findcontrol register. No write to findnode is required. The TNETX15VE scans the lookup table for the first NEW address from the beginning of the table each time NEW is set. • Waiting until the FNDCPLT interrupt is asserted [FNDCPLT (bit 6) in interrupt register] or poll findcontrol until the register bits are cleared • Reading the findcontrol register. If FOUND is set, and an address was found, the node’s address and information are placed in the registers. The NEW flag in the address is cleared. If FOUND is not set, an address was not found and the lookup table contains no NEW addresses. • Since the FIND command clears the NEW bit, looking for the next NEW address means repeating the FINDNEW command until no more addresses are found. The NEW bit is cleared on all FIND commands. Always check the NEW bit (7) in the findport register (0x12–0x13 DIO) on non-NEW finds. • NEW is automatically set with a wire add; the host can set the state of the NEW bit with an add/edit command. VLAN and PORT find modifier bits The VLAN and PORT bits in the findcontrol register are used with the NEW, FIRST, NEXT, and LKUP bits to modify the FIND operations. The PORT bit limits the FINDFIRST, FINDNEXT, and FIND commands to look for only the addresses whose port assignment matches the port contained in the portcode field of findport. This command is useful when management wants to know all addresses that are associated with a port number. Since only unicast addresses can be matched to a port (multicasts use a port bit mask), using the PORT modifier limits returns to unicast addresses. To dump all unicast addresses associated with port 01, the user must: • Write a 0x01 to the most-significant bit of findport (portcode = 0x1) • Perform a FINDFIRST port command by: • Setting the PORT and FIRST bits in the findcontrol register. No write to findnode and findVLANID is required. The TNETX15VE scans the lookup table for the first address that is associated with port 01. • WaitinguntiltheFNDCPLTinterruptisasserted,orpollfindcontroluntiltheFIRSTbitiscleared. The PORT bit stays set. • Reading the findcontrol register. If FOUND is set, and an address was found, the node’s address and information are placed in the registers. If FOUND is not set, and an address was not found, there are no more addresses associated with this port. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |