Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VEPGE Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 3 Page - Texas Instruments

  TNETX15VEPGE Datasheet HTML 1Page - Texas Instruments TNETX15VEPGE Datasheet HTML 2Page - Texas Instruments TNETX15VEPGE Datasheet HTML 3Page - Texas Instruments TNETX15VEPGE Datasheet HTML 4Page - Texas Instruments TNETX15VEPGE Datasheet HTML 5Page - Texas Instruments TNETX15VEPGE Datasheet HTML 6Page - Texas Instruments TNETX15VEPGE Datasheet HTML 7Page - Texas Instruments TNETX15VEPGE Datasheet HTML 8Page - Texas Instruments TNETX15VEPGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
DRAM
Bus
Watcher
DD35–DD0
DRAS
DCAS
DWE
DIO
Interface
EAM15–EAM0
SDATA7–
SDATA0
SAD1–SAD0
SRNW
SRDY
ESCS
EINT
MDIO
MDCLK
MRESET
IEEE Std
1149.1
(JTAG)
TRST
TMS
TCLK
TDI
TDO
Control
Logic
OSCIN
RESET
EEPROM
Interface
EDIO
ECLK
Logic
Arbiter
4K x 16
SRAM
Grants
Data Routing
Logic
Operations
LOOKUP
(Wire Address
Lookups)
DELETE
(AGE and
Management Deletes)
ADD
(Wire and
Management Adds)
FIND
(Management-
Address Lookups)
AGE
(Deletes Due to
Inactivity)
MUX
48
16
16
12
Requests
Address
Data
16
EA20–
EA0
ED15–
ED0
EOE
EWE
16
LOOKUP-
Table Data
16
48 x 15
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com