Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VEPGE Datasheet(PDF) 39 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 39 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 35Page - Texas Instruments TNETX15VEPGE Datasheet HTML 36Page - Texas Instruments TNETX15VEPGE Datasheet HTML 37Page - Texas Instruments TNETX15VEPGE Datasheet HTML 38Page - Texas Instruments TNETX15VEPGE Datasheet HTML 39Page - Texas Instruments TNETX15VEPGE Datasheet HTML 40Page - Texas Instruments TNETX15VEPGE Datasheet HTML 41Page - Texas Instruments TNETX15VEPGE Datasheet HTML 42Page - Texas Instruments TNETX15VEPGE Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
add address VLAN tag register, addVLANID at 0x2D (DIO), byte 1
BIT
7
6
5
4
3
2
1
0
Reserved
ADDVLANID
Initial Values After Reset
0
0
0
0
0
0
0
0
The addVLANID register is used with the addnode and addport registers to add/edit a node’s VLAN assignment.
This register is a read/write register. When the ADD logic is operating, this register is locked and no writes can
be made to it.
add address register, addnode at 0x38–0x3D (DIO)
The addnode register is a read/write register. When the ADD logic is operating, this register is locked and no
writes can be made to it. The unicast or multicast address in this register (written in Ethernet native data format)
is added to the lookup table when the ADD bit in the adddelcontrol register is set to 1. The default value of this
register after reset is 0x00.00.00.00.00.00.
add routing code register, addport at 0x3E–0x3F (DIO)
The addport register is used to change port and flag assignments for the node address contained in the addnode
register. The definition for the addport register depends on whether the address stored in the addnode register
is a unicast or multicast address.
This register is a read/write register. When the ADD logic is operating, this register is locked and no writes can
be made to it.
This interface is used to enter broadcast/multicast addresses to the TNETX15VE table. Wire ADDs operate on
packet-source addresses, and these are all defined by IEEE to be unicast addresses. Therefore, bit 47 of the
address is stored as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com