Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VEPGE Datasheet(PDF) 63 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 63 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 59Page - Texas Instruments TNETX15VEPGE Datasheet HTML 60Page - Texas Instruments TNETX15VEPGE Datasheet HTML 61Page - Texas Instruments TNETX15VEPGE Datasheet HTML 62Page - Texas Instruments TNETX15VEPGE Datasheet HTML 63Page - Texas Instruments TNETX15VEPGE Datasheet HTML 64Page - Texas Instruments TNETX15VEPGE Datasheet HTML 65Page - Texas Instruments TNETX15VEPGE Datasheet HTML 66Page - Texas Instruments TNETX15VEPGE Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
63
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
determining the 2-bit VLANID for lookups and wire adds
The VLANID (used for lookup and wire-add operations) is the VLAN assigned to the source port. There are two
different ways to determine the VLANID for the source port, and the method used depends on the source port
number.
source port is 01 through 14
When the source port is 01–14, take the VLANID from the VLANID register for the source port [VLANDID
0x78–0x7F (DIO)].
source port is 00 (uplink)
If the frame comes from port 00, the tag field is used as an offset into the tagVLAN array [0x70–0x77 (DIO)].
The tagVLAN registers (16 total) support the four bits from the packet pretag field.
This offset method allows three possible cases:
• When two TNETX3150/TNETX3150As are connected through port 00 (current device is called
TNETX3150/TNETX3150A No. 1 and the remote TNETX3150/TNETX3150A No. 2), the tag coming
into TNETX3150/TNETX3150A No. 1 gives the source port for TNETX3150/TNETX3150A No. 2. If the
tagVLAN register array is filled with the VLANIDs for the ports in TNETX3150/TNETX3150A No. 2,
VLANs are transferred across port 00. This means that TNETX3150/TNETX3150A No. 1 tagVLAN
array mirrors the VLANIDs of TNETX3150/TNETX3150A No. 2 and vice versa.
• When TNETX3150/TNETX3150A is connected to a proprietary integrated circuit (IC) through port 00,
the third party IC uses the tag field to send across the VLANID of the frame. The TNETX15VE uses the
tag as the offset to the tagVLAN register array. If the tagVLAN register array is filled with its offset
number (see Table 3), the tag field corresponds to the VLANID.
• When port 00 is connected as an ordinary port (end equipment does not support pretagging), port 00’s
VLANID is put into all 16 locations of the tagVLAN register array. No matter what offset is latched during
the pretag time, the correct VLANID is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com