Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VEPGE Datasheet(PDF) 49 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 49 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 45Page - Texas Instruments TNETX15VEPGE Datasheet HTML 46Page - Texas Instruments TNETX15VEPGE Datasheet HTML 47Page - Texas Instruments TNETX15VEPGE Datasheet HTML 48Page - Texas Instruments TNETX15VEPGE Datasheet HTML 49Page - Texas Instruments TNETX15VEPGE Datasheet HTML 50Page - Texas Instruments TNETX15VEPGE Datasheet HTML 51Page - Texas Instruments TNETX15VEPGE Datasheet HTML 52Page - Texas Instruments TNETX15VEPGE Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive block register, RXblock at 0xF6–0xF7 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
RXblock
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
The RXblock register blocks frame reception, depending on the port from which the frame originated. Frames
arriving on ports whose corresponding bit is set to on1 are discarded. The RXblock register can be overridden
if the packet destination address has the NBLCK bit set to 1.
attached microprocessor’s define/routing register, CPUTX at 0xF8 (DIO)
BIT
7
6
5
4
3
2
1
0
CPU PORT
TX ROUTING CODE
Initial Values After Reset
0
0
0
0
1
1
1
1
BIT
NAME
FUNCTION
7–4
CPU PORT
Attached microprocessor port assignment. CPU PORT specifies the port where the CPU is attached. Code
0xF is reserved and is ignored.
3–0
TX ROUTING CODE
Transmit routing code. TX ROUTING CODE specifies where frames coming from the CPU port are routed.
This field has the following behavior:
• If this field is 0xF, the CPU routing function is disabled and frames are routed according to the
TNETX15VE lookup table.
• If this field is not 0xF, frames that come from the port specified in CPU PORT are routed to the port
encoded in TX ROUTING CODE, by passing any routing from the destination address lookup.
After the frame has been transmitted using this register, it disables itself by writing a 0xF to this field.
The CPUTX register allows the programmer to specify where frames coming from the CPU should be
forwarded. The CPU port is specified in the CPU PORT field and frames are routed to the port specified in the
TX ROUTING CODE. While useful in replying to BPDUs in spanning tree when ports are normally blocked, this
mechanism can be used at any time to specifically route one packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com