Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VEPGE Datasheet(PDF) 98 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 98 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 94Page - Texas Instruments TNETX15VEPGE Datasheet HTML 95Page - Texas Instruments TNETX15VEPGE Datasheet HTML 96Page - Texas Instruments TNETX15VEPGE Datasheet HTML 97Page - Texas Instruments TNETX15VEPGE Datasheet HTML 98Page - Texas Instruments TNETX15VEPGE Datasheet HTML 99Page - Texas Instruments TNETX15VEPGE Datasheet HTML 100Page - Texas Instruments TNETX15VEPGE Datasheet HTML 101Page - Texas Instruments TNETX15VEPGE Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
98
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Note 9 and Figure 23)
DIO write cycle
NO.
MIN
MAX
UNIT
1
tsu(SRNW)
Setup time, SRNW low before ESCS
↓
4
ns
2
tsu(SAD)
Setup time, SAD1–SAD0 valid before ESCS
↓
4
ns
3
tsu(SDATA)
Setup time, SDATA7–SDATA0 valid before ESCS
↓
4
ns
NOTE 9: The DIO interface is a byte-wide, asynchronous interface that is designed for use with a wide variety of CPUs. The interface can be
run at any speed; there is no minimum speed requirement. DIO cycle lengths can vary, depending on the type of register accessed.
The TNETX15VE withholds the SRDY acknowledge signal on some registers until it has gathered the necessary data.
operating characteristics over recommended operating conditions (see Note 9 and Figure 23)
DIO write cycle
NO.
PARAMETER
MIN
MAX
UNIT
4
tw(SRDVH)
Pulse duration, SRDY high (see Note 11)
25
ns
5
td(SRNW)
Delay time, from SRDY
↓ to SRNW↑
0
ns
6
td(SAD)
Delay time, from SRDY
↓ to SAD1–SAD0 invalid
0
ns
7
td(SDATA)
Delay time, from SRDY
↓ to SDATA7–SDATA0 high-impedance Z
0
ns
8
td(SRDY)1
Delay time, from ESCS
↓ to SRDY↓ (see Note 10)
25+N(20)
ns
9
td(SRDY)2
Delay time, from ESCS
↑ to SRDY↑ (see Note 11)
25
ns
10
td(ESCS)
Delay time, from SRDY
↓ to ESCS↑
0
ns
NOTES:
9. The DIO interface is a byte-wide, asynchronous interface that is designed for use with a wide variety of CPUs. The interface can
be run at any speed; there is no minimum speed requirement. DIO cycle lengths can vary, depending on the type of register
accessed. The TNETX15VE withholds the SRDY acknowledge signal on some registers until it has gathered the necessary data.
10. N equals the number of internal cycles required to arbitrate internally to obtain the value being requested. N is equal to a
minimum of 1, and can be quite large during RAM INIT and FINDNEXT operations. Since DIO operations are not complete during
these operations (no SRDY true), both of these operations can read every SRAM location to finish.
11. These numbers are specified by design but not tested.
Data
ESCS
(input)
SRNW
(input)
SDATA7–SDATA0
(input)
SRDY
(output)
Z
Z
2
Host Address
4
8
9
6
5
7
1
SAD1–SAD0
(input)
3
Data
Figure 23. DIO Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com