Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VEPGE Datasheet(PDF) 89 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 89 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 85Page - Texas Instruments TNETX15VEPGE Datasheet HTML 86Page - Texas Instruments TNETX15VEPGE Datasheet HTML 87Page - Texas Instruments TNETX15VEPGE Datasheet HTML 88Page - Texas Instruments TNETX15VEPGE Datasheet HTML 89Page - Texas Instruments TNETX15VEPGE Datasheet HTML 90Page - Texas Instruments TNETX15VEPGE Datasheet HTML 91Page - Texas Instruments TNETX15VEPGE Datasheet HTML 92Page - Texas Instruments TNETX15VEPGE Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
89
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
masking interrupts
The programmer may be interested in processing some interrupts now, while leaving the others for a later time.
The TNETX15VE can mask interrupts. This is accomplished by an interrupt masking register, (intmask). The
int and intmask registers have a one-to-one correspondence. The only way EINT is asserted is if both int and
intmask are in a 1 state. The logic for the interrupt masking is shown in Figure 17.
Int
Register
Intmask
Register
AND
AND
OR
EINT
Interrupt Mask Register
Interrupt Register
Figure 17. Interrupt Masking Logic
test interrupts (INT)
Test interrupts are generated by asserting the INT bit in the int register. The INT bit in the intmask register must
also be set to a 1 state for the interrupt to take effect. The INT bit is used to give the programmer an easy way
to test interrupt detection. This bit is the only bit in the int register that is writeable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com