Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5614MPWREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5614MPWREP
Description  2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5614MPWREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV5614MPWREP Datasheet HTML 12Page - Texas Instruments TLV5614MPWREP Datasheet HTML 13Page - Texas Instruments TLV5614MPWREP Datasheet HTML 14Page - Texas Instruments TLV5614MPWREP Datasheet HTML 15Page - Texas Instruments TLV5614MPWREP Datasheet HTML 16Page - Texas Instruments TLV5614MPWREP Datasheet HTML 17Page - Texas Instruments TLV5614MPWREP Datasheet HTML 18Page - Texas Instruments TLV5614MPWREP Datasheet HTML 19Page - Texas Instruments TLV5614MPWREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
TLV5614EP
2.7V TO 5.5V 12BIT 3 µs QUADRUPLE DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS355 − JUNE 2006
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
; Processor:
TMS320C203 running at 40 MHz
;
; Description:
;
; This program generates a differential in−phase (sine) on (OUTA−OUTB) and it’s
; quadrature (cosine) as a differential signal on (OUTC−OUTD).
;
; The DAC codes for the signal samples are stored as a table of 64 12−bit values,
; describing 2 periods of a sine function. A rolling pointer is used to address the
; table location in the first period of this waveform, from which the DAC A samples
; are read. The samples for the other 3 DACs are read at an offset to this rolling
; pointer:
;
DAC
Function
Offset from rolling pointer
;
A
sine
0
;
B
inverse sine
16
;
C
cosine
8
;
D
inverse cosine24
;
; The on−chip timer is used to generate interrupts at a fixed rate. The interrupt
; service routine first pulses LDAC low to update all DACs simultaneously
; with the values which were written to them in the previous interrupt. Then all
; 4 DAC values are fetched and written out through the synchronous serial interface
; Finally, the rolling pointer is incremented to address the next sample, ready for
; the next interrupt.
;
;
 1998, Texas Instruments Inc.
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−− I/O and memory mapped regs −−−−−−−−−−−−−−−−−−−−−−−−−−−−−
.include ”regs.asm”
;−−−−−−−jump vectors −−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
.ps
0h
b
start
b
int1
b
int23
b
timer_isr;
−−−−−−−−−−− variables −−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
temp
.equ
0060h
r_ptr
.equ
0061h
iosr_stat
.equ
0062h
DACa_ptr
.equ
0063h
DACb_ptr
.equ
0064h
DACc_ptr
.equ
0065h
DACd_ptr
.equ
0066h
;−−−−−−−−−−−constants−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
; DAC control bits to be OR’ed onto data
; all fast mode
DACa_control .equ
01000h
DACb_control .equ
05000h
DACc_control .equ
09000h
DACd_control .equ
0d000h
;−−−−−−−−−−− tables −−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
.ds
02000h
sinevals
.word
00800h
.word
0097Ch
.word
00AE9h
.word
00C3Ah
.word
00D61h
.word
00E53h
.word
00F07h
.word
00F76h
.word
00F9Ch
.word
00F76h
.word
00F07h
.word
00E53h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com