Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5614MPWREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5614MPWREP
Description  2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5614MPWREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5614MPWREP Datasheet HTML 3Page - Texas Instruments TLV5614MPWREP Datasheet HTML 4Page - Texas Instruments TLV5614MPWREP Datasheet HTML 5Page - Texas Instruments TLV5614MPWREP Datasheet HTML 6Page - Texas Instruments TLV5614MPWREP Datasheet HTML 7Page - Texas Instruments TLV5614MPWREP Datasheet HTML 8Page - Texas Instruments TLV5614MPWREP Datasheet HTML 9Page - Texas Instruments TLV5614MPWREP Datasheet HTML 10Page - Texas Instruments TLV5614MPWREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TLV5614EP
2.7V TO 5.5V 12BIT 3 µs QUADRUPLE DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS355 − JUNE 2006
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, Vref = 2.048 V,
AVDD = DVDD = 5 V and Vref = 1.024 V for AVDD = DVDD = 3 V (unless otherwise noted) (continued)
digital inputs (DIN, CS, LDAC, PD)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = VDD
±1
µA
IIL
Low-level digital input current
VI = 0 V
±1
µA
CI
Input capacitance
3
pF
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5-V supply,
No load, Clock running,
Slow
1.6
2.4
IDD
Power-supply current
No load, Clock running,
All inputs 0 V or VDD
Fast
3.8
5.6
mA
IDD
Power-supply current
3-V supply,
No load, Clock running,
Slow
1.2
1.8
mA
No load, Clock running,
All inputs 0 V or DVDD
Fast
3.2
4.8
Power-down supply current (see Figure 13)
10
nA
analog output dynamic performance
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Output slew rate
CL = 100 pF, RL = 10 kΩ,
VO = 10% to 90%,
Fast
5
V/
µs
SR
Output slew rate
LL
VO = 10% to 90%,
Vref = 2.048 V, 1024 V
Slow
1
V/
µs
ts
Output settling time
To
±0.5 LSB, CL = 100 pF,
Fast
3
s
ts
Output settling time
To
±0.5 LSB, CL = 100 pF,
RL = 10 kΩ, See Note 1
Slow
9
µs
ts(c)
Output settling time, code to code
To
±0.5 LSB, CL = 100 pF,
Fast
1
s
ts(c)
Output settling time, code to code
To
±0.5 LSB, CL = 100 pF,
RL = 10 kΩ, See Note 2
Slow
2
µs
Glitch energy
Code transition from 7FF to 800
10
nV-s
SNR
Signal-to-noise ratio
Sine wave generated by DAC,
74
dB
S/(N+D)
Signal-to-noise + distortion
Sine wave generated by DAC,
Reference voltage = 1.024 at 3 V and 2.048 at 5 V,
66
dB
THD
Total harmonic distortion
Reference voltage = 1.024 at 3 V and 2.048 at 5 V,
fs = 400 KSPS, fOUT = 1.1-kHz sine wave,
CL = 100 pF, RL = 10 kΩ, BW = 20 kHz
−68
dB
SFDR
Spurious-free dynamic range
fs = 400 KSPS, fOUT = 1.1-kHz sine wave,
CL = 100 pF, RL = 10 kΩ, BW = 20 kHz
70
dB
NOTES:
1. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of FFF hex to 080 hex for 080 hex to FFF hex.
2. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of one count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com