Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5614MPWREP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5614MPWREP
Description  2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5614MPWREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV5614MPWREP Datasheet HTML 18Page - Texas Instruments TLV5614MPWREP Datasheet HTML 19Page - Texas Instruments TLV5614MPWREP Datasheet HTML 20Page - Texas Instruments TLV5614MPWREP Datasheet HTML 21Page - Texas Instruments TLV5614MPWREP Datasheet HTML 22Page - Texas Instruments TLV5614MPWREP Datasheet HTML 23Page - Texas Instruments TLV5614MPWREP Datasheet HTML 24Page - Texas Instruments TLV5614MPWREP Datasheet HTML 25Page - Texas Instruments TLV5614MPWREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
TLV5614EP
2.7V TO 5.5V 12BIT 3 µs QUADRUPLE DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS355 − JUNE 2006
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
; Processor:
80C51
;
; Description:
;
; This program generates a differential in-phase
(sine) on (OUTA−OUTB) ; and it’s quadrature (cosine)
as a differential signal on (OUTC−OUTD).
;
;
 1998, Texas Instruments Inc.
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
NAME
GENIQ
MAIN
SEGMENT
CODE
ISR
SEGMENT
CODE
SINTBL SEGMENT
CODE
VAR1
SEGMENT
DATA
STACK
SEGMENT
IDATA
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
; Code start at address 0, jump to start
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
CSEG
AT
0
LJMP
start
; Execution starts at address 0 on power−up.
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
; Code in the timer0 interrupt vector
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
CSEG
AT
0BH
LJMP
timer0isr
; Jump vector for timer 0 interrupt is 000Bh
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
; Global variables need space allocated
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
RSEG
VAR1
temp_ptr:
DS
1
rolling_ptr: DS
1
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−;
Interrupt service routine for timer 0 interrupts
;−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
RSEG
ISR
timer0isr:
PUSH
PSW
PUSH
ACC
CLR
INT1
; pulse LDAC low
SETB
INT1
; to latch all 4 previous values at the same time
; 1st thing done in timer isr => fixed period
CLR
T0
; set CS low
; The signal to be output on each DAC is a sine function.
; One cycle of a sine wave is held in a table @ sinevals
; as 32 samples of msb, lsb pairs (64 bytes).
; We have ; one pointer which rolls round this table, rolling_ptr,
; incrementing by 2 bytes (1 sample) on each interrupt (at the end of
; this routine).
; The DAC samples are read at an offset to this rolling pointer:
; DAC
Function
Offset from rolling_ptr
;
A
sine
0
;
B
inverse sine
32
;
C
cosine
16
;
D
inverse cosine48
MOV
DPTR,#sinevals; set DPTR to the start of the table
; of sine signal values
MOV
R7,rolling_ptr; R7 holds the pointer
;into the sine table
MOV
A,R7
; get DAC A msb
MOVC
A,@A+DPTR
; msb of DAC A is in the ACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com