Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5614MPWREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5614MPWREP
Description  2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5614MPWREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV5614MPWREP Datasheet HTML 10Page - Texas Instruments TLV5614MPWREP Datasheet HTML 11Page - Texas Instruments TLV5614MPWREP Datasheet HTML 12Page - Texas Instruments TLV5614MPWREP Datasheet HTML 13Page - Texas Instruments TLV5614MPWREP Datasheet HTML 14Page - Texas Instruments TLV5614MPWREP Datasheet HTML 15Page - Texas Instruments TLV5614MPWREP Datasheet HTML 16Page - Texas Instruments TLV5614MPWREP Datasheet HTML 17Page - Texas Instruments TLV5614MPWREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
TLV5614EP
2.7V TO 5.5V 12BIT 3 µs QUADRUPLE DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS355 − JUNE 2006
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
serial interface (continued)
If there is no need to have more than one device on the serial bus, then CS can be tied low. Figure 17 shows
an example of how to connect the TLV5614 to a TMS320, SPI, or Microwire port using only three pins.
TMS320
DSP
FSX
DX
CLKX
TLV5614
FS
DIN
SCLK
CS
SPI
SS
MOSI
SCLK
TLV5614
FS
DIN
SCLK
CS
Microwire
I/O
SO
SK
TLV5614
FS
DIN
SCLK
CS
Figure 17. Three-Wire Interface
Notes on SPI and Microwire: Before the controller starts the data transfer, the software has to generate a falling
edge on the I/O pin connected to FS. If the word width is 8 bits (SPI and Microwire), two write operations must
be performed to program the TLV5614. After the write operation(s), the DAC output is updated automatically
on the next positive clock edge, following the sixteenth falling clock edge.
serial clock frequency and update rate
The maximum serial clock frequency is given by:
f
SCLKmax +
1
t
wH(min) )
t
wL(min)
+ 20 MHz
The maximum update rate is:
f
UPDATEmax +
1
16 t
wH(min) )
t
wL(min)
+ 1.25 MHz
Note that the maximum update rate is a theoretical value for the serial interface, since the settling time of the
TLV5614 has to be considered also.
data format
The 16-bit data word for the TLV5614 consists of two parts:
D Control bits
(D15 . . . D12)
D New DAC value
(D11 ...D0)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A1
A0
PWR
SPD
New DAC value (12 bits)
X: Don’t care
SPD: Speed control bit:
1
→ fast mode
0
→ slow mode
PWR: Power control bit:
1
→ power down
0
→ normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com