Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5614MPWREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5614MPWREP
Description  2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5614MPWREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV5614MPWREP Datasheet HTML 6Page - Texas Instruments TLV5614MPWREP Datasheet HTML 7Page - Texas Instruments TLV5614MPWREP Datasheet HTML 8Page - Texas Instruments TLV5614MPWREP Datasheet HTML 9Page - Texas Instruments TLV5614MPWREP Datasheet HTML 10Page - Texas Instruments TLV5614MPWREP Datasheet HTML 11Page - Texas Instruments TLV5614MPWREP Datasheet HTML 12Page - Texas Instruments TLV5614MPWREP Datasheet HTML 13Page - Texas Instruments TLV5614MPWREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TLV5614EP
2.7V TO 5.5V 12BIT 3 µs QUADRUPLE DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS355 − JUNE 2006
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
2.5
2
1.5
0.5
3
3.5
SUPPLY CURRENT
vs
TEMPERATURE
4
1
T − Temperature −
°C
−40
−20
0
20
40
60
80
100
VDD = 3 V
Vref = 1.024 V
VO Full Scale
(Worst Case for IDD)
Slow Mode
Fast Mode
Figure 8
2.5
1.5
1
0.5
3
3.5
4
2
SUPPLY CURRENT
vs
TEMPERATURE
T − Temperature −
°C
−40
−20
0
20
40
60
80
100
Slow Mode
Fast Mode
VDD = 5 V
Vref = 1.024 V
VO Full Scale
(Worst Case for IDD)
Figure 9
−−40
−50
−70
−80
0
5
10
20
−30
−10
f − Frequency − kHz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0
30
50
100
−20
−60
Vref = 1-V dc + 1-VPP Sine Wave
Output Full Scale
Fast Mode
Figure 10
−−40
−50
−70
−80
0
5
10
20
−30
−10
f − Frequency − kHz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0
30
50
100
−20
−60
Vref = 1-V dc + 1-VPP Sine Wave
Output Full Scale
Slow Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com