Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5614MPWREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5614MPWREP
Description  2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5614MPWREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5614MPWREP Datasheet HTML 2Page - Texas Instruments TLV5614MPWREP Datasheet HTML 3Page - Texas Instruments TLV5614MPWREP Datasheet HTML 4Page - Texas Instruments TLV5614MPWREP Datasheet HTML 5Page - Texas Instruments TLV5614MPWREP Datasheet HTML 6Page - Texas Instruments TLV5614MPWREP Datasheet HTML 7Page - Texas Instruments TLV5614MPWREP Datasheet HTML 8Page - Texas Instruments TLV5614MPWREP Datasheet HTML 9Page - Texas Instruments TLV5614MPWREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TLV5614EP
2.7V TO 5.5V 12BIT 3 µs QUADRUPLE DIGITALTOANALOG CONVERTER
WITH POWER DOWN
SGLS355 − JUNE 2006
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, Vref = 2.048 V,
AVDD = DVDD = 5 V and Vref = 1.024 V for AVDD = DVDD = 3 V (unless otherwise noted)
static DAC specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
bits
Integral nonlinearity (INL), end point adjusted
See Note 1
±1.5
±4
LSB
Differential nonlinearity (DNL)
See Note 2
±0.5
±1
LSB
EZS
Zero-scale error (offset error at zero scale)
See Note 3
±12
mV
Zero-scale error temperature coefficient
See Note 4
10
ppm/
°C
EG
Gain error
See Note 5
±0.7
% of FS
voltage
Gain-error temperature coefficient
See Note 6
10
ppm/
°C
PSRR
Power-supply rejection ratio
Zero scale
See Note 7 and Note 8
−80
dB
PSRR
Power-supply rejection ratio
Full scale
See Note 7 and Note 8
−80
dB
NOTES:
1. The relative accuracy or integral nonlinearity (INL), sometimes referred to as linearity error, is the maximum deviation of the output
from the line between zero and full scale excluding the effects of zero code and full-scale errors.
2. The differential nonlinearity (DNL), sometimes referred to as differential error, is the difference between the measured and ideal
1-LSB amplitude change of any two adjacent codes. Monotonic means the output voltage changes in the same direction (or remains
constant) as a change in the digital input code.
3. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
4. Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) − EZS (Tmin)E/Vref × 106/(Tmax − Tmin).
5. Gain error is the deviation from the ideal output (2 Vref − 1 LSB) with an output load of 10 kΩ, excluding the effects of the zero error.
6. Gain temperature coefficient is given by: EG TC = [EG(Tmax) − EG (Tmin)]/Vref × 106/(Tmax − Tmin).
7. Zero-scale-error rejection ratio (EZS-RR) is measured by varying the AVDD from 5 ± 0.5 V and 3 ± 0.3 V dc, and measuring the
proportion of this signal imposed on the zero-code output voltage.
8. Full-scale rejection ratio (EG-RR) is measured by varying the AVDD from 5 ± 0.5 V and 3 ± 0.3 V dc and measuring the proportion
of this signal imposed on the full-scale output voltage after subtracting the zero-scale change.
individual DAC output specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Voltage output range
RL = 10 kΩ
0
AVDD−0.4
V
Output load regulation accuracy
RL = 2 kΩ vs 10 kΩ
0.1
0.25
% of FS
voltage
reference inputs (REFINAB, REFINCD)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
See Note 1
0
AVDD−1.5
V
RI
Input resistance
10
M
Ω
CI
Input capacitance
5
pF
Reference feed through
REFIN = 1 VPP at 1 kHz + 1.024 Vdc
(see Note 2)
−75
dB
Reference input bandwidth
REFIN = 0.2 VPP + 1.024-Vdc large signal
Slow
0.5
MHz
Reference input bandwidth
REFIN = 0.2 VPP + 1.024-Vdc large signal
Fast
1
MHz
NOTES:
1. Reference input voltages greater than VDD/2 cause output saturation for large DAC codes.
2. Reference feedthrough is measured at the DAC output, with an input code = 000 hex and a Vref (REFINAB or REFINCD)
input = 1.024 Vdc + 1 VPP at 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com