Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 23 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 23 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 19Page - Texas Instruments SLAS191A Datasheet HTML 20Page - Texas Instruments SLAS191A Datasheet HTML 21Page - Texas Instruments SLAS191A Datasheet HTML 22Page - Texas Instruments SLAS191A Datasheet HTML 23Page - Texas Instruments SLAS191A Datasheet HTML 24Page - Texas Instruments SLAS191A Datasheet HTML 25Page - Texas Instruments SLAS191A Datasheet HTML 26Page - Texas Instruments SLAS191A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
1–17
MSP430 Macro Assembler Version 1.08 [09/96] Tue Jun 30 07:20:38 1998
Copyright (C) 1995, 1996 Texas Instruments Incorporated
c:\adt430\stk\examples\gs_stk1.asm
Page 1
1;***************************************************************************
2;Getting Started 1 Demo Program
(C) TEXAS INSTRUMENTS on 2/96
3;***************************************************************************
4
5;*** Set this variable to ’1’ for the use on the Simulator***
6
00
SIM
.set
0
; 1 = Simulator
7
; 0 = STK/EVK
8
0240
RAM_orig
.set
00240h
; Free Memory startadress
9
03de
SP_orig
.set
003DEh
; stackpointer
10
11
;––– Control register definitions
12
13
00
IE1
.equ
0h
14
01
IE2
.equ
01h
15
02
IFG1
.equ
02h
16
03
IFG2
.equ
03h
17
04
ME1
.equ
04h
18
05
ME2
.equ
05h
19
20
0120
WDTCTL
.equ
0120h
21
80
WDTHold
.equ
80h
22
5a00
WDT_wrkey
.equ
05A00h
23
24
08
GIE
.equ
08h
25
26;**************************************************************************
27;
; Reset : Initialize processor
28;**************************************************************************
29
0240
.sect “MAIN” ,RAM_orig
30
0240
RESET
31
0240
403103de
MOV
#SP_orig,SP
; initialize stackpointer
32
0244
40b25a800120 MOV
# (WDTHold+WDT_wrkey) , &WDTCTL
; Stop Watchdog Timer
33
34
;––– Clear
Special Function Registers
35
024a
42f20000
MOV.B
#08h,IE1
; ! Monitor !
36
024e
43c20001
CLR.B
IE2
37
0252
43c20002
CLR.B
IFG1
38
0256
43c20003
CLR.B
IFG2
39
40
025a
+3fff
JMP
$
; Endless Loop
No Errors,
No Warnings
gs_stk1.lst
Figure 1–14. gs_stk1.asm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com