Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 70 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 70 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 66Page - Texas Instruments SLAS191A Datasheet HTML 67Page - Texas Instruments SLAS191A Datasheet HTML 68Page - Texas Instruments SLAS191A Datasheet HTML 69Page - Texas Instruments SLAS191A Datasheet HTML 70Page - Texas Instruments SLAS191A Datasheet HTML 71Page - Texas Instruments SLAS191A Datasheet HTML 72Page - Texas Instruments SLAS191A Datasheet HTML 73Page - Texas Instruments SLAS191A Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
5–4
5.3
Special Treatment of <ESC> in the Software UART
The software UART treats a received ESC character in two different ways:
•
The software UART receives the ESC character and stores it at address 210h. The condition,
therefore, is that bit 0 in memory location 200h is reset.
•
The software UART receives the ESC and returns back to the Hyperterminal. The condition is
that bit 0 in memory location 200h be set.
End of ROM-Monitor
Interrupt Service Routine
Contents of
Memory Location
3DEh is AA55h for
MSP430X32x
(or 5DEh is AA55h
for MSP430X33x)
yes
no
no
yes
no
yes
Bit 0 in Memory
Location 200h Set ?
Received Character
is <ESC>
Normal Return Out of
INT_RXTX
Interrupt
Service
The Return From Interrupt
is By-Passed
Into ROM-
Monitor
Figure 5–2. Special Treatment of ESC
BIC
#01h,&200h
; reset bit 0, because no special treatment of <ESC> is
; wanted
BIS
#01h,&200h
; reset bit 0, because special treatment of <ESC> is
; wanted
NOTE: Memory Location 200h
Only bit 0 in memory location 200h may be modified. A modification of the higher bits may result
in an unpredictable behavior of the terminal program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com