Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 58 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 58 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 54Page - Texas Instruments SLAS191A Datasheet HTML 55Page - Texas Instruments SLAS191A Datasheet HTML 56Page - Texas Instruments SLAS191A Datasheet HTML 57Page - Texas Instruments SLAS191A Datasheet HTML 58Page - Texas Instruments SLAS191A Datasheet HTML 59Page - Texas Instruments SLAS191A Datasheet HTML 60Page - Texas Instruments SLAS191A Datasheet HTML 61Page - Texas Instruments SLAS191A Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
3–2
3.3
Peripheral Hardware/Registers
Do not modify the following peripheral registers and bits because UART operation uses these register and
bits.
Table 3–1. Peripheral Registers and Bits
REGISTER
ADDRESS
BITS
TCDAT
44h
All
TCPLD
43h
All
TCCTL
42h
All
IFG1
02h
3
IE1
00h
3
P0IES
14h
1, 2
P0DIR
12h
1, 2
P0IFG
13h
2
P0IE
15h
2
3.4
RAM Locations for the Monitor
The Monitor Program uses eighteen bytes of RAM, from address 200h to 212h, within the RAM area of the
MPS430x32x (which ranges from 200h to 3FFh for the MSPx32x family, and 200h to 5FFh for the MSPx33x
family). The user application should not use this memory area.
The Monitor Program needs no stack while running the user application. If the user application returns to
the Monitor Program using a breakpoint, single step, or keyboard interrupt, an additional stack size of 32h
bytes is needed for the Monitor Program. This Monitor Program stack is always set up on the top of the user
stack. When returning to the user application, the Monitor Program clears the entire user stack. If the user
program is inactive and the Monitor Program is running, 50 bytes are put onto the stack. The stack pointer
shown in Figure 3–3 reflects the application situation, not the actual Monitor stack pointer. In these 50 bytes,
all register data valid in the application program is saved to be restored when the user application is
reactivated. Returning to the user application, the 50 bytes used are freed, and the stack pointer is pointing
to the user application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com