Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 9 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 9 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 5Page - Texas Instruments SLAS191A Datasheet HTML 6Page - Texas Instruments SLAS191A Datasheet HTML 7Page - Texas Instruments SLAS191A Datasheet HTML 8Page - Texas Instruments SLAS191A Datasheet HTML 9Page - Texas Instruments SLAS191A Datasheet HTML 10Page - Texas Instruments SLAS191A Datasheet HTML 11Page - Texas Instruments SLAS191A Datasheet HTML 12Page - Texas Instruments SLAS191A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
1–3
1.2.2
How to Install the Hardware
This section targets three main parts: the setup of the serial interface, the programming adapter, and the
power supply.
LCD and UVEPROM
The EVK is supplied with the LCD and a UVEPROM, separate from the EVK PCB. Install the EPROM and
LCD into the EVK PCB before proceeding. Refer to the STK/EVK target connectors section for the correct
LCD orientation. The STK has a one-time programmable (OTP) device mounted on the PCB.
Serial Communication
Connect the STK/EVK-PCB to the serial communications port of the PC using the 9-pin cable that is
supplied. Use the Settings/Communications. . .command to set the communication port to which the cable
is connected. The default selection is COM2.
The HyperTerminal (which uses the Terminal icon) is used to communicate to the STK/EVK MSP430 chip
via a Monitor Program that has already been downloaded into the EPROM of the chip. The HyperTerminal
settings used are: data bits—7; parity—even; stop bits—1; flow control—none.
Voltage Sources
The following four sources supply the voltage for the STK/EVK-PCB:
1.
PC serial interface
Typically, the serial interface of the PC supplies the STK/EVK-PCB voltage using the 9-pin cable.
The user must determine if the serial interface can meet the electrical requirements of the
STK/EVK PCB. Some PC manufacturers do not source enough current and voltage from the
serial port to power the STK/EVK devices. If this is the case, a 9-volt battery can be connected in
parallel to the serial port.
2.
3.6 V lithium battery
A battery can be assembled onto the STK/EVK that supplies the STK/EVK-PCB with power.
3.
Programming Adapter
The Programming Adapter’s power supply is stabilized to 5 V (this can only be used on the EVK).
4.
Target system
The power supply from a target system can be connected to the STK/EVK-PCB. A supply voltage
of 3 V to 5 V can be used.
CAUTION: Different Power Supplies
If there is more than one power supply connected, the STK/EVK is supplied
with the higher voltage, provided the data sheet supply voltage ranges are
not exceeded.
If the HyperTerminal program is running on the PC, the serial communication cable has been installed, the
proper com port is selected, and the proper voltage is supplied, the screen will look like Figure 1–3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com