Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 27 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 27 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 23Page - Texas Instruments SLAS191A Datasheet HTML 24Page - Texas Instruments SLAS191A Datasheet HTML 25Page - Texas Instruments SLAS191A Datasheet HTML 26Page - Texas Instruments SLAS191A Datasheet HTML 27Page - Texas Instruments SLAS191A Datasheet HTML 28Page - Texas Instruments SLAS191A Datasheet HTML 29Page - Texas Instruments SLAS191A Datasheet HTML 30Page - Texas Instruments SLAS191A Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
1–21
In the HyperTerminal , type r0 <ENTER> to modify the program counter of the user program. The program
displays the current content of r0. Next type 0240 <ENTER> to set the start address as defined in
gs_stk1.asm. Exit the modify register mode by pressing the <ESC> key.
Each time the SPACE bar is pressed, the program executes one single step and the program displays the
registers contents. Typing a g followed by <ENTER> causes the program to continue from the current
address stored in the program counter. Pressing the <ESC> key stops the program.
NOTE: Single Step
The single step command should only be executed if the program counter points to an
instruction in the RAM. Otherwise this command acts like a go command.
>@0240
31 40 DE 03 B2 40 80 5A 20 01 F2 42 00 00 C2 43
01 00 C2 43 02 00 C2 43 03 00 FF 3F
q
>downloaded
_PC_ _SP_ _SR_
reg
0000
4204 03de 0008 0000 f48c cd85 2ed4 10de
reg
0008
0c42 4068 0000 ffd0 2051 0e10 08ac b8
>r0
=reg 0000
4204 0240
=reg 0001
03de !
reg 000:
0008
>step
>executed
_PC_ _SP_ _SR_
reg 0000
0244 03de 0008 0000 f48c cd85 2ed4 10de
reg 0008
0c42 4068 0000 ffd0 2051 0e10 08ac b842
>go..
>user break _PC_ _SP_ _SR_
reg
0000
025a 03de 0008 0000 f48c cd85 2ed4 10de
reg
0008
0c42 4068 0000 ffd0 2051 0e10 08ac b842
>
Figure 1–18. Terminal | execute gs_stk1.txt
Another way to start this program is to write the start address (in this instance 0240h) into memory location
03FEh. Each time the u user command is executed or the reset button is pressed, the start address (in this
instance 0240h) is written to the user program counter. Switch to the word mode by entering a w, and then
enter m3fe and <ENTER>. Now the start address can be entered (in this instance 0240), and press
<ENTER> and <ESC> to exit. Pressing u and then g starts the program.
NOTE: Use of the examples in MSP430 Simulation Environment
If the examples are used in the MSP430 Simulation Environment, the SIM constant (located
at the top of the assembler code) must be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com