Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 64 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 64 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 60Page - Texas Instruments SLAS191A Datasheet HTML 61Page - Texas Instruments SLAS191A Datasheet HTML 62Page - Texas Instruments SLAS191A Datasheet HTML 63Page - Texas Instruments SLAS191A Datasheet HTML 64Page - Texas Instruments SLAS191A Datasheet HTML 65Page - Texas Instruments SLAS191A Datasheet HTML 66Page - Texas Instruments SLAS191A Datasheet HTML 67Page - Texas Instruments SLAS191A Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
4–2
Figure 4–2 shows the handling of a P0.0 interrupt for the MSP430X32x family. For the MSP430X33x,
replace address 03FAh with 05FAh.
XXXX
XXXX
BR & 03FAh
YYYY
03FAh
YYYY
P0.0 Interrupt
FFFAh
YYYY Is The Start Address
Of The Interrupt Service Routine
Figure 4–2. P0.0 Interrupt Example
The number of cycles an interrupt is additionally delayed in the Monitor Program depends on the type of
interrupt received.
Table 4–1. Type of Interrupt
TYPE OF INTERRUPT
DELAY (NUMBER OF CYCLES)
RESET
14
IN_P01
10
All other interrupts
3
NOTE: Status Register Setting Exception After Interrupts
After entering the interrupt service routine of a Reset or a P0.1 interrupt, the zero-bit Z
and the carry-bit C in the status register SR are not reset as expected.
The interrupt vectors and the associated interrupt vector addresses of the MSP430E325 device are shown
in Table 4–2 (or Table 4–3 for the MSP430E33x).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com