Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 63 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 63 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 59Page - Texas Instruments SLAS191A Datasheet HTML 60Page - Texas Instruments SLAS191A Datasheet HTML 61Page - Texas Instruments SLAS191A Datasheet HTML 62Page - Texas Instruments SLAS191A Datasheet HTML 63Page - Texas Instruments SLAS191A Datasheet HTML 64Page - Texas Instruments SLAS191A Datasheet HTML 65Page - Texas Instruments SLAS191A Datasheet HTML 66Page - Texas Instruments SLAS191A Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
4–1
4 Treatment of Interrupts
This chapter describes the special treatment of interrupts in the Monitor environment.
4.1
Use of Interrupts in the Monitor Environment
The interrupt structure of the MSP430 is fully supported by the terminal program with one exception, the NMI
interrupt has the same interrupt vector as the RESET interrupt.
There are no restrictions on the interrupt flags, but certain restrictions apply to the interrupt vectors. It is
impossible to program the interrupt vectors located in the address range FFECh to FFFEh, because they
are preprogrammed in the EPROM area and can not be modified. The Monitor Program has the flexibility
to allow a second set of interrupt vectors in the RAM address range 3E0h to 3FEh (5E0h–5FEh for the
MSP430X33x family) as shown in Figure 4–1. The Monitor Program branches program execution if an
interrupt occurs to the associated interrupt vector located in the second interrupt vector address range. The
instruction used is an absolute BR command (i.e., BR &0FFEAh for the ADC interrupt). Therefore, during
the use of the Monitor Program, the interrupt vectors are moved by an amount of FC00h below their normal
location.
Reset
NMI
P0.0 Interrupt
P0.1 Interrupt
Watchdog Interrupt
ADC Interrupt
Basic Timer Interrupt
Port0.2 to 0.7 Interrupt
FFFEh
Interrupt
FFE0h
Reset
NMI
P0.0 Interrupt
P0.1 Interrupt
Watchdog Interrupt
ADC Interrupt
Basic Timer Interrupt
Port0.2 to 0.7 Interrupt
03FEh
Interrupt
03E0h
Figure 4–1. Monitor Interrupts for the MSP430x32x Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com