Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 48 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 48 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 44Page - Texas Instruments SLAS191A Datasheet HTML 45Page - Texas Instruments SLAS191A Datasheet HTML 46Page - Texas Instruments SLAS191A Datasheet HTML 47Page - Texas Instruments SLAS191A Datasheet HTML 48Page - Texas Instruments SLAS191A Datasheet HTML 49Page - Texas Instruments SLAS191A Datasheet HTML 50Page - Texas Instruments SLAS191A Datasheet HTML 51Page - Texas Instruments SLAS191A Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
2–12
Figure 2–12 shows how to modify memory contents. Modify the memory by typing in new data and pressing
<ENTER>. The program displays the next memory location. If no modification is necessary press
<ENTER>. To exit the memory command (mx) press the <ESC> key. Pressing <ENTER> toggles through
memory locations, displaying each new location after <ENTER>.
Enter bbcc then <ENTER> to modify memory
Enter aa then <ENTER> to modify memory
Show and modify memory location 0300h in word mode
Show and modify memory location 0300h in byte mode
Switch to word indication mode
Switch to byte indication mode
Press <ESC> here
Show only one memory location 0300h in word mode
>init
MSP–STK430A320
>byte
>m0300
mem 0300 : 31 aa
mem 0301
40
>word
>m0300
mem 0300 : 40aa bbcc
mem 0302 : 0400
>m0300
mem 0300 : bbcc
>_
Figure 2–12. Memory Modification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com