Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6360 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 50Page - STMicroelectronics L6360 Datasheet HTML 51Page - STMicroelectronics L6360 Datasheet HTML 52Page - STMicroelectronics L6360 Datasheet HTML 53Page - STMicroelectronics L6360 Datasheet HTML 54Page - STMicroelectronics L6360 Datasheet HTML 55Page - STMicroelectronics L6360 Datasheet HTML 56Page - STMicroelectronics L6360 Datasheet HTML 57Page - STMicroelectronics L6360 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
Physical layer communication
L6360
54/65
Doc ID 022817 Rev 2
7.1
Transceiver
Output drivers (C/QO and L+) are protected against short-circuit or overcurrent by means of
two different functions.
One is the current limiting function: output current is linearly limited to ILIMQ/L.
The cutoff protection, on the other side, is intended to turn off the drivers when the output
current exceeds a (programmable for the C/QO driver) threshold (ICOL/I). When the current
reaches the (programmed) cutoff value the channel output driver is turned off after
a programmable delay (tdcoq/l). The channel output driver automatically restarts again after
a programmable delay time (trcoq/l). See Figure 38.
Figure 38.
C/Q or L+ channel cutoff protection
Figure 39.
C/Q or L+ channel current limitation and cutoff protection with latched
restart
For CQOL/LOL bit reset see the related Status register section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com