Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6360 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 32Page - STMicroelectronics L6360 Datasheet HTML 33Page - STMicroelectronics L6360 Datasheet HTML 34Page - STMicroelectronics L6360 Datasheet HTML 35Page - STMicroelectronics L6360 Datasheet HTML 36Page - STMicroelectronics L6360 Datasheet HTML 37Page - STMicroelectronics L6360 Datasheet HTML 38Page - STMicroelectronics L6360 Datasheet HTML 39Page - STMicroelectronics L6360 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Device configuration
L6360
36/65
Doc ID 022817 Rev 2
6.2
Interrupt
The IRQ pin (interrupt pin) should normally be held to a high logic level by an external pull-
up resistor or microcontroller pin configuration. The internal structure is an open drain
transistor.
It should be connected directly to the microcontroller so, in the case of a fault event (C/Q
overload, power-on L+ line, overtemperature condition, etc.), it is pulled down to a low logic
level, reporting the fault condition to the microcontroller. See also the Status register section.
LED2 register MSB
Bit 7
L2R15
0
Bit 6
L2R14
0
Bit 5
L2R13
0
Bit 4
L2R12
0
Bit 3
L2R11
0
Bit 2
L2R10
0
Bit 1
L2R9
0
Bit 0
L2R8
0
LED2 register LSB
Bit 7
L2R7
0
Bit 6
L2R6
0
Bit 5
L2R5
0
Bit 4
L2R4
0
Bit 3
L2R3
0
Bit 2
L2R2
0
Bit 1
L2R1
0
Bit 0
L2R0
0
Parity register
Bit 7
SR
0
Bit 6
CR
0
Bit 5
CT1
0
Bit 4
CT2
0
Bit 3
L1H
0
Bit 2
L1L
0
Bit 1
L2H
0
Bit 0
L2L
0
Table 26.
Registers default configuration (continued)
Registers
Bit position
Bit name
Reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com