Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6360 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 33Page - STMicroelectronics L6360 Datasheet HTML 34Page - STMicroelectronics L6360 Datasheet HTML 35Page - STMicroelectronics L6360 Datasheet HTML 36Page - STMicroelectronics L6360 Datasheet HTML 37Page - STMicroelectronics L6360 Datasheet HTML 38Page - STMicroelectronics L6360 Datasheet HTML 39Page - STMicroelectronics L6360 Datasheet HTML 40Page - STMicroelectronics L6360 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
37/65
6.3
Demagnetization
The power stage can be represented as in Figure 19.
Figure 19.
Power stage. Q2 is not present on L+ output
When a power stage output (C/Q or L+) is connected to an inductance, the energy stored in
the load is:
Equation 1
This energy must be properly dissipated at the switch-off. Without an appropriate circuitry
the output voltage would be pulled to very negative values, therefore recovering the stored
energy through the power transistor's breakdown.
To avoid this, the output voltage must be clamped so that the voltage across the power
switch does not exceed its breakdown voltage.
In the case of load connected between the C/QO pin and VCC, at switch-off (of the low-side
switch) the output is pushed to a voltage higher than VCC.
E
1
2
---LI
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com