Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6360 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 44Page - STMicroelectronics L6360 Datasheet HTML 45Page - STMicroelectronics L6360 Datasheet HTML 46Page - STMicroelectronics L6360 Datasheet HTML 47Page - STMicroelectronics L6360 Datasheet HTML 48Page - STMicroelectronics L6360 Datasheet HTML 49Page - STMicroelectronics L6360 Datasheet HTML 50Page - STMicroelectronics L6360 Datasheet HTML 51Page - STMicroelectronics L6360 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Device configuration
L6360
48/65
Doc ID 022817 Rev 2
Current Read mode
Figure 31.
Current Read mode flow chart procedure
1.
Microcontroller I2C establishes the communication: START condition
2.
Microcontroller I2C sends slave address on the I2C bus to check if the slave is online
(1st frame)
3.
After the address is matched, the L6360 sends its status register (2nd frame)
4.
The L6360 sends its parity register (3rd frame)
5.
Microcontroller I2C finishes the communication: STOP condition.
The I2C frame (configuration, control, diagnostic phases) must provide:
Slave address (7 bits)
Transmission direction (read/write)
Data (8-bit data registers): status and parity registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com