Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6360 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 19Page - STMicroelectronics L6360 Datasheet HTML 20Page - STMicroelectronics L6360 Datasheet HTML 21Page - STMicroelectronics L6360 Datasheet HTML 22Page - STMicroelectronics L6360 Datasheet HTML 23Page - STMicroelectronics L6360 Datasheet HTML 24Page - STMicroelectronics L6360 Datasheet HTML 25Page - STMicroelectronics L6360 Datasheet HTML 26Page - STMicroelectronics L6360 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
L6360
Device configuration
Doc ID 022817 Rev 2
23/65
Status register
Read only
Reset Value: [00000000]
Figure 9.
Status register
The status register stores diagnostic information. It can be read to check the status of the
run-time of the device (faults, warning, transmission corrupted, etc.).
When a fault condition occurs, a bit (corresponding to the fault condition) in the status
register is set and an interrupt (via the IRQ pin) is generated.
If there is no persistent fault condition, the status register is cleared after a successful
current read.
Bit 7 = PO:
Power-on (L+ line).
This bit indicates the status of L+ line voltage.
If the voltage goes under the lower threshold (VLTHOFF) and ENL+ is
high, the PO bit is set. It is reset after a successful current read if the L+
voltage has returned above the upper threshold VLTHON and the read
operation has begun after the bit has been set.
When the PO bit is high, IRQ is generated.
During ENL+ transition (from low-level to high-level) and during L+ line
voltage transition, a fault condition is reported setting the PO bit and
activating the IRQ pin. To reset the fault a successful current read is
necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com